| データシートサーチシステム |
|
SIM800 データシート(PDF) 170 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 170 Page - SIMCom |
|
170 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 170 2015-08-03 Reference Note 6.2.31 AT+CMGHEX Enable or Disable Sending Non-ASCII Character SMS AT+CMGHEX Enable or Disable Sending Non-ASCII Character SMS Response +CMGHEX: (list of supported <mode>s) OK Test Command AT+CMGHEX= ? Parameter See Write Command Response +CMGHEX: <mode> OK Read Command AT+CMGHEX? Parameter See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CMGHEX= <mode> Parameter <mode> 0 Send SMS in ordinary way 1 Enable to send SMS varying from 0x00 to 0x7f except 0x1a and 0x1b under text mode and GSM character set Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Only be available in TEXT mode and AT+CSCS="GSM". 6.2.32 AT+CCODE Configure SMS Code Mode AT+CCODE Configure SMS Code Mode Response +CCODE: (0,1) OK Test Command AT+CCODE=? Parameter See Write Command Read Command AT+CCODE? Response +CCODE:<mode> |