| データシートサーチシステム |
|
SIM800 データシート(PDF) 184 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 184 Page - SIMCom |
|
184 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 184 2015-08-03 Response +CEXTERNTONE: <mode> OK Read Command AT+CEXTERN TONE? Parameters See Write Command Response OK ERROR Write Command AT+CEXTERNT ONE=<mode> Parameters <mode> 0 Re-open the microphone 1 Close the microphone Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.51 AT+CNETLIGHT Close the Net Light or Open It to Shining AT+CNETLIGHT Close the Net Light or Open It to Shining Response +CNETLIGHT: (0,1) OK Test Command AT+CNETLIGH T=? Parameters See Write Command Response +CNETLIGHT: <mode> OK Read Command AT+CNETLIGH T? Parameters See Write Command Response OK ERROR Write Command AT+CNETLIGH T=<mode> Parameters <mode> 0 Close the net light 1 Open the net light to shining |