| データシートサーチシステム |
|
SIM800 データシート(PDF) 187 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 187 Page - SIMCom |
|
187 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 187 2015-08-03 See Write Command Response +CSMINS: <n>,<SIM inserted> OK Read Command AT+CSMINS? Parameters See Write Command Response OK ERROR If error is related to ME functionality: +CME ERROR: <err> Unsolicited Result Code +CSMINS: <n>,<SIM inserted> Write Command AT+CSMINS=< n> Parameters <n> A numeric parameter to show an unsolicited event code indicating whether the SIM has been inserted or removed. 0 Disable 1 Enable <SIM inserted> A numeric parameter which indicates whether SIM card has been inserted. 0 Not inserted 1 Inserted Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note 6.2.55 AT+CSGS Netlight Indication of GPRS Status AT+CSGS Netlight Indication of GPRS Status Response +CSGS: (0-2) OK Test Command AT+CSGS=? Parameters See Write Command Read Command AT+CSGS? Response +CSGS: <mode> OK |