| データシートサーチシステム |
|
SIM800 データシート(PDF) 186 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 186 Page - SIMCom |
|
186 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 186 2015-08-03 White list phone numbers are suitable to call and SMS function. 6.2.53 AT+CSDT Switch on or off Detecting SIM Card AT+CSDT Switch on or off Detecting SIM Card Response +CSDT: (0-1) OK Test Command AT+CSDT=? Parameters See Write Command Response +CSDT: <mode> OK Read Command AT+CSDT? Parameters See Write Command Response OK ERROR Write Command AT+CSDT=<mo de> Parameters <mode> 0 Switch off detecting SIM card 1 Switch on detecting SIM card Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note User should select 8-pin SIM card holder to implement SIM card detection function. After plug out simcard, User should wait 2 seconds before plug in SIM card. 6.2.54 AT+CSMINS SIM Inserted Status Reporting AT+CSMINS SIM Inserted Status Reporting Response +CSMINS: (list of supported <n>s) OK Test Command AT+CSMINS=? Parameter |