| データシートサーチシステム |
|
SIM800 データシート(PDF) 201 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 201 Page - SIMCom |
|
201 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 201 2015-08-03 Reference Note 6.2.71 AT+CMEDPLAY Play Audio File AT+CMEDPLAY Play Audio File Response +CMEDPLAY: (0-3) OK Test Command AT+CMEDPLA Y=? Parameters See Write Command Response +CMEDPLAY: <state> OK Read Command AT+CMEDPLA Y? Parameters See Write Command Response if<mode>=0,2,3, response: OK if<mode>=1, start playing AT+CMEDPLAY=1,<filepath>,<channel>,<volume> OK If error is related to MS functionality, response: +CME ERROR: <err> Parameters <mode> command operation mode 0 Stop playing 1 Start playing 2 Pause playing 3 Resume playing <filepath> Audio file path and name <channel> Audio play channel 0 Main channel 1 Aux channel <volume> Audio play volume,0-100 <state> Audio playing state 0 Idle 1 Playing 2 Paused Write Command AT+CMEDPLA Y=<mode> Unsolicited result code |