| データシートサーチシステム |
|
SIM800 データシート(PDF) 205 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 205 Page - SIMCom |
|
205 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 205 2015-08-03 Response OK ERROR Write Command AT+SPE=<n> Parameters <n> 0 Disable Speech Enhancement 1 Enable Speech Enhancement Reference Note 6.2.77 AT+CCONCINDEX Report Concatenated SMS Index AT+CCONCINDEX Report Concatenated SMS Index Test Command AT+CCONCIND EX=? Response OK Execution Command AT+CCONCIND EX Response +CCONCINDEX: N,i,j,k,... OK where N is the number of segments that form the whole concatenated SMS i,j,k are the SMS indexes of each SMS segment , 0 if segment has not been received. If no concatenated SMS is present on the SIM or ME, only OK result code will be returned. Parameter Saving Mode NO_SAVE Reference Note 6.2.78 AT+SDMODE SD Mode Switch Function AT+SDMODE SD and PCM Switch Function Response +SDMODE: (0-1) OK Test Command AT+SDMODE=? Parameters See Write Command Read Command AT+SDMODE? Response +SDMODE: <mode> OK |