| データシートサーチシステム |
|
SIM800 データシート(PDF) 202 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 202 Page - SIMCom |
|
202 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 202 2015-08-03 +CMEDPLAY: 0 // play over Parameter Saving Mode NO_SAVE Max Response Time Reference Note <mode> 2 and 3 are not supported when playing audio file during call. The audio file can not be played duirng incoming call or outgoing call. Only support WAV, PCM, AMR and MP3 format. Only support WAV format with 8K 16bit during call. 6.2.72 AT+CMEDIAVOL Control the Volume when Playing Audio File AT+CMEDIAVOL Control the Volume when Playing Audio File Response +CMEDIAVOL: (0-100) OK Test Command AT+CMEDIAVO L=? Parameters See Write Command Response OK ERROR Write Command AT+CMEDIAVO L=<level> Parameters <level> 0-100 Integer type value with manufacturer specific range (smallest value represents the lowest sound level). Reference Note The command takes effect only when playing audio file. 6.2.73 AT+SNDLEVEL Set the Sound Level of Special AT Command AT+SNDLEVEL Set the Sound Level of Special AT Command Response +SNDLEVEL: (0-1),(0-100) OK Test Command AT+SNDLEVEL= ? Parameters See Write Command Read Command AT+SNDLEVEL? Response +SNDLEVEL:(0,<soundlevel0>),(1,<soundlevel1>) OK |