| データシートサーチシステム |
|
SIM800 データシート(PDF) 209 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 209 Page - SIMCom |
|
209 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 209 2015-08-03 0 Detached 1 Attached Other values are reserved and will result in an ERROR response to the Write Command. Parameter Saving Mode NO_SAVE Max Response Time 10 seconds Reference Note 7.2.2 AT+CGDCONT Define PDP Context AT+CGDCONT Define PDP Context Response +CGDCONT: (range of supported <cid>s),<PDP_type>,,,(list of supported<d_comp>s),(list of supported<h_comp>s) [<CR><LF>+CGDCONT: (range of supported <cid>s), <PDP_type>,,,(list ofsupported <d_comp>s),(list of supported <h_comp>s)[...]] OK Test Command AT+CGDCONT =? Parameters See Write Command Response +CGDCONT: <cid>,<PDP_type>,<APN>,<PDP_addr>,<data_comp>,<head_comp> [<CR><LF>+CGDCONT: <cid>,<PDP_type>,<APN>,<PDP_addr>,<data_comp>,<head_comp> […]] OK Read Command AT+CGDCONT ? Parameters See Write Command Response OK ERROR Write Command AT+CGDCONT =<cid>[,<PDP_ty pe>[,APN>[,<PD P_addr>[,<d_co mp>[,<h_comp>] ]]]] Parameters <cid> (PDP Context Identifier) a numeric parameter which specifies a particular PDP context definition. The parameter is local to the TE-MT interface and is used in other PDP context-related commands. The range of permitted values (minimum value=1) is returned by the test form of the |