| データシートサーチシステム |
|
SIM800 データシート(PDF) 213 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 213 Page - SIMCom |
|
213 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 213 2015-08-03 <mean> A numeric parameter which specifies the mean throughput class 0 QOS mean throughput class subscribed value 1..18 QOS mean throughput class 31 QOS mean throughput class best effort Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note 7.2.5 AT+CGACT PDP Context Activate or Deactivate AT+CGACT PDP Context Activate or Deactivate Response +CGACT: (list of supported <state>s) OK Test Command AT+CGACT=? Parameters See Write Command Response +CGACT: <cid>,<state>[<CR><LF>+CGACT:<cid>,<state>…] OK Read Command AT+CGACT? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CGACT=<st ate>[,<cid>] Parameters <state> Indicates the state of PDP context activation 0 Deactivated 1 Activated Other values are reserved and will result in an ERROR response to the Write Command. <cid> A numeric parameter which specifies a particular PDP context definition (see +CGDCONT Command). If the <cid> is omitted, it only affects the first cid. Parameter Saving Mode NO_SAVE Max Response 150 seconds |