| データシートサーチシステム |
|
SIM800 データシート(PDF) 215 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 215 Page - SIMCom |
|
215 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 215 2015-08-03 Response +CGPADDR: <cid>,<PDP_addr> [<CR><LF>+CGPADDR: <cid>,<PDP_addr>[…]] OK ERROR Write Command AT+CGPADDR= <cid> Parameters <cid> A numeric parameter which specifies a particular PDP context definition (see +CGDCONT Command) <PDP_addr> String type, IP address Format: "<n>.<n>.<n>.<n>" where <n>=0..255 Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Write command returns address provided by the network if a connection has been established. 7.2.8 AT+CGCLASS GPRS Mobile Station Class AT+CGCLASS GPRS Mobile Station Class Response +CGCLASS: (list of supported <class>s) OK Test Command AT+CGCLASS= ? Parameter See Write Command Response +CGCLASS: <class> OK Read Command AT+CGCLASS? Parameter See Write Command Response OK ERROR If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CGCLASS= <class> Parameter <class> A string parameter(string should be included in quotation marks) which indicates the GPRS mobile class (in |