| データシートサーチシステム |
|
SIM800 データシート(PDF) 216 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 216 Page - SIMCom |
|
216 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 216 2015-08-03 descending order of functionality) B Class-B mode of operation (A/Gb mode), (not applicable in Iu mode) MT would operate PS and CS services but not simultaneously CG Class C in GPRS only mode CC Class C in circuit switched only mode (lowest) Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note It only supports Class B, CG and CC. 7.2.9 AT+CGEREP Control Unsolicited GPRS Event Reporting AT+CGEREP Control Unsolicited GPRS Event Reporting Response +CGEREP: (list of supported <mode>s) OK Test Command AT+CGEREP=? Parameters See Write Command Response +CGEREP: <mode> OK Read Command AT+CGEREP? Parameters See Write Command Response OK ERROR Write Command AT+CGEREP=< mode> Parameters <mode> 0 Disable event reporting. 1 Enable event reporting. Unsolicited Result Codes supported: +CGEV: NW DEACT <PDP_type>,<PDP_addr>[,<cid>] +CGEV: ME DEACT <PDP_type>,<PDP_addr>[,<cid>] +CGEV: NW DETACH +CGEV: ME DETACH |