| データシートサーチシステム |
|
SIM800 データシート(PDF) 326 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 326 Page - SIMCom |
|
326 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 326 2015-08-03 H=? OK Response +CMMSRDPUSH: 2,”<sender>”,”<subject>”,”<transaction>”,”<location>”,”<time>”,< class>,<size> OK or +CMMSRDPUSH: 6, “<receiver>”,”<time>”,<status> OK or +CMMSRDPUSH: 255 OK or +CME ERROR: <err> Write Command AT+CMMSRDPUS H=<index> Parameters The first parameter of the response should be 2 or 6, or the other type of the MMS PDU. 2 m-notification-ind[2]. To inform the contents of a received MMS 6 m-delivery-ind[2]. A delivery report 255 unknown MMS PDU <index> The index of the push message saved in the SIM message box. <sender> The address of the sender <receiver> The address of the receiver <subject> The title of the MMS <transaction> The X-Mms-Transation-ID[2] of the received MMS <location> The X-Mms-Content-Location[2] of the received MMS <class> The X-Mms-Class[2] of the received MMS 0 Personal 1 Advertisement 2 Informational 3 Auto <time> Date and time of the received push message. <size> The size of the MMS <status> The status of the sent MMS 0 Expired 1 Retrieved 2 Rejected 3 Defered |