| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 681 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 681 Page - Renesas Technology Corp |
|
681 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 649 of 1468 REJ09B0412-0200 (5) PK3/PO27/TIOCC9/TIOCD9 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PK3DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO27_OE TIOCD9_OE PK3DDR PPG PO27 output* 1 TPU TIOCD9 output* 0 1 PK3 output* 0 0 1 I/O port PK3 input* 0 0 0 Note: * Valid when PCJKE = 1. (6) PK2/PO26/TIOCC9 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PK2DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO26_OE TIOCC9_OE PK2DDR PPG PO26 output* 1 TPU TIOCC9 output* 0 1 PK2 output* 0 0 1 I/O port PK2 input* 0 0 0 Note: * Valid when PCJKE = 1. |