| データシートサーチシステム |
|
SIM800 データシート(PDF) 292 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 292 Page - SIMCom |
|
292 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 292 2015-08-03 Response +EMAILTO: <timeout> OK Read Command AT+EMAILTO? Parameters See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+EMAILTO=<ti meout> Parameters <timeout> The timeout value of SMTP/POP3 server response, in 1 second unit. 10-120 Default: 30(seconds) Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 14.2.3 AT+SMTPSRV Set SMTP Server Address and Port AT+SMTPSRV Set SMTP Server Address and Port Response +SMTPSRV: <smtpServerLength>,(range of supported <smtpPort>s) OK Test Command AT+SMTPSRV=? Parameters See Write Command Response +SMTPSRV: <smtpServer>,<smtpPort> OK Read Command AT+SMTPSRV? Parameter See Write Command Write Command AT+SMTPSRV= <smtpServer>[,<sm tpPort>] Response OK If error is related to ME functionality: ERROR |