| データシートサーチシステム |
|
SIM800 データシート(PDF) 294 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 294 Page - SIMCom |
|
294 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 294 2015-08-03 <userNameLength> The max length of <userName>. <password> The password for SMTP authentication. <passwordLength> The max length of <password>. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 14.2.5 AT+SMTPFROM Set Sender Address and Name AT+SMTPFROM Set Sender Address and Name Response +SMTPFROM: <senderAddressLength>,<senderNameLength> OK Test Command AT+SMTPFROM= ? Parameters See Write Command Response +SMTPFROM: <senderAddress>,<senderName> OK Read Command AT+SMTPFROM? Parameter See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+SMTPFROM= <senderAddress>[,<s enderName>] Parameters <senderAddress> The Email sender address,string type. <senderAddressLength> The max length of <senderAddress> <senderName> The Email sender name,string type. <senderNameLength> The max length of <senderName> Parameter Saving Mode NO_SAVE Max Response Time - Reference Note |