| データシートサーチシステム |
|
SIM800 データシート(PDF) 293 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 293 Page - SIMCom |
|
293 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 293 2015-08-03 Parameters <smtpServer> SMTP server address, string type. This parameter can be either: - IP address in the format: xxx.xxx.xxx.xxx - Host name to be solved with a DNS query <smtpPort> The SMTP port 1-65535 Default: 25 <smtpServerLength> The max length of <smtpServer> Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 14.2.4 AT+SMTPAUTH Set User Name and Password for SMTP Authentication AT+SMTPAUTH Set User Name and Password for SMTP Authentication Response +SMTPAUTH: (range of supported<authType>s),<userNameLengt- h>,<passwordLength> OK Test Command AT+SMTPAUTH=? Parameters See Write Command Response +SMTPAUTH: <authType>,<username>,<password> OK Read Command AT+SMTPAUTH? Parameters See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+SMTPAUTH=< authType>[,<userNa me>,<password>] Parameters <authType> The type of SMTP authentication 0 SMTP server does not request authentication. <username> and <password> must not be given. 1 SMTP server requests authentication <userName> The user name for SMTP authentication. |