| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 117 Page - Renesas Technology Corp |
|
117 / 1504 page ![]() Section 3 MCU Operating Modes Rev. 2.00 Sep. 24, 2008 Page 85 of 1468 REJ09B0412-0200 3.3 9 Operating Mode Descriptions 3.3.1 Mode 1 This is the user boot mode for the flash memory. The LSI operates in the same way as in mode 7 except for programming and erasing of the flash memory. For details, see section 25, Flash Memory. 3.3.2 Mode 2 This is the boot mode for the flash memory. The LSI operates in the same way as in mode 7 except for programming and erasing of the flash memory. For details, see section 25, Flash Memory. 3.3.3 Mode 3 This is the boundary scan function enabled single-chip activation mode. The operation is the same as mode 7 except for the boundary scan function. For details on the boundary scan function, see section 26, Boundary Scan. 3.3.4 Mode 4 The CPU operating mode is advanced mode in which the address space is 16 Mbytes, and the on- chip ROM is disabled. The initial bus width mode immediately after a reset is 16 bits, with 16-bit access to all areas. Ports D, E, and F function as an address bus, ports H and I function as a data bus, and parts of ports A and B function as bus control signals. However, if all areas are designated as an 8-bit access space by the bus controller, the bus mode switches to eight bits, and only port H functions as a data bus. |