| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 158 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 158 Page - Renesas Technology Corp |
|
158 / 1504 page ![]() Section 6 Exception Handling Rev. 2.00 Sep. 24, 2008 Page 126 of 1468 REJ09B0412-0200 6.7.3 Exception Handling by Illegal Instruction The illegal instructions are general illegal instructions and slot illegal instructions. The exception handling by the general illegal instruction starts when an undefined code is executed. The exception handling by the slot illegal instruction starts when a particular instruction (e.g. its code length is two words or more, or it changes the PC contents) at a delay slot (immediately after a delayed branch instruction) is executed. The exception handling by the general illegal instruction and slot illegal instruction is always executable in the program execution state. The exception handling is as follows: 1. The contents of PC, CCR, and EXR are saved in the stack. 2. The interrupt mask bit is updated and the T bit is cleared to 0. 3. An exception handling vector table address corresponding to the occurred exception is generated, the start address of the exception service routine is loaded from the vector table to PC, and program execution starts from that address. Table 6.10 shows the state of CCR and EXR after execution of illegal instruction exception handling. Table 6.10 Status of CCR and EXR after Illegal Instruction Exception Handling CCR EXR Interrupt Control Mode I UI T I2 to I0 0 1 2 1 0 [Legend] 1: Set to 1 0: Cleared to 0 : Retains the previous value. |