データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 98 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 94Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 95Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 96Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 97Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 98Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 99Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 100Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 101Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
www.andersonpower.com
- 96 -
All Data Subject To Change Without Notice
| 1387G1 & G2 Pneumatic Bench Tools |
Versatile & heavy duty tools manufactured by Pico Tools, use fixed depth dies and spring bottom locators designed specifically to
crimp APP® contacts. Dies and locators are not interchangeable between the 1387G1 and the 1387G2. These pneumatic full cycle
tools operate on clean and dry shop air pressures of 80 – 125 psi (5 – 8.6 BAR). See connector family tooling charts at the end
of each section for the specific dies and locators recommended for crimping each contact. Dies and locators are available from
Pico Tools for a variety of other terminal types including lugs, insulated terminals, and a variety of turned pin and socket contacts.
1387G1: #12 – 2/0 (4 – 70 mm²)
Pico Tools Model 400-BHD
Compatible with M22520/23
dies and locators
1387G2: #12 – 250 mcm (4 – 120 mm²)
Pico Tools Model: 500-D
1391G1: Foot Pedal Control
TA0002: Air regulator / filter for pneumatic tools.
Keeps air clean and dry for long lasting tool
performance. Dial knob adjusts air pressure
going to the tool.
| 1368 Series Hydraulic Tools|
The dieless 4 indent head crimps full cycle until a minimum hydraulic pressure is reached. Good for crimping nearly all APP®
contacts for wire sizes #4 – 4/0, 300mcm. The dieless system offers a highly flexible crimping system that does not require the
purchase of separate dies and locators. Pressure based crimp depth allows these tools to be adapted to a broad range of large
wire crimping needs including lugs, ring terminals, and splices.
1368: Hubbell VC7 dieless 4 indent tool with attached manual
hydraulic pump. Tool includes a custom turret locator for positioning
of PP120, PP180, SB®120, SB®175, SB®350 contacts. The
innovative design provides two separate crimp positions for the
PP180, SB®175 and SB®350 contacts. Both the tool and locator
ship in black plastic carrying cases.
1368-NL: Manufactured by DMC to APP® specifications, this 4 indent
head with attached manual hydraulic pump offers the same crimping
performance as the 1368, but with the cost savings of not having a
custom turret locator. Includes black plastic carrying case.
1368-B: The same 4 indent head as the 1368-NL is mounted to a
battery powered tool for effortless crimping. Includes 2 lithium-ion
batteries and charger as well as a black plastic carrying case.
1391G1
TA0002
1387G1
1387G2
Die
Locator
Die
Locator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com