データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 81 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 77Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 78Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 79Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 80Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 81Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 82Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 84Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
www.andersonpower.com - 79 -
All Data Subject To Change Without Notice
| SBE®80 / SBO®60 CONNECTOR TEMPERATURE CHARTS|
| SBE®80 / SBO®60 Accessories |
25
50
75
100
125
0 10 20 30 40 50 60 70 80 90 100
SBE®80 / SBO®60
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
Cable Clamps
Clamps are made out the same chemical resistant PBT material that is used in the SBE® housings.
Clamp holds the cable between the clamp piece and the connector housing. Screws must be
ordered separately for part numbers starting with “113”.
Description
-------------------------------- Part Numbers --------------------------------
Minimum Quantity ...................
100
25
.....................
Red Clamp and Hardware Kit
-
SBE80CLPRED or SBO60CLPRED
Red Clamp Only
113953P1
-
Screws (2 per clamp)
H1120P42 (Individual)
-
“T” Handle
Handles are made out the same chemical resistant PBT material that is used in the SBE® housings. (2)
screws and (2) nuts are required to attach each handle.
Description
-------------------------------------- Part Numbers --------------------------------------
Minimum Quantity ....................
500
100
25
.....................
Red Handle and Hardware Kit
-
-
SBE80HDLRED or SBO60HDLRED
Red Handle Only
113952P1
-
-
Hardware Bag
-
-
105G13
M5 x 35mm Screws
-
113715P4
-
M5 Nut
-
113716P3
-
Powerpole® Auxiliary
Powerpole® auxiliary connectors are rated up to 30 amps 600 volts and can be used
for auxiliary power, control or sensing. The auxiliary kit includes (1) each black and
red Standard Powerpole® housing, (2) contacts, (2) zip cable straps, and (2) retaining pins.
Description
----------- Part Numbers -----------
Minimum Quantity ............
200
100
25 ...
Powerpole® Auxiliary Kit
-
111822G1
6344
Black Powerpole® Housing 1327G6
-
-
Red Powerpole® Housing
1327
-
-
#16 to #12 Contact
1331
-
-
Retaining Pin
-
110G9
-
Cable Clamp
Handle
SBE®80 / SBO®60
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90
NOTE: Temperature rise charts are based on a 25°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com