データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 94 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 91Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 92Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 93Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 94Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 95Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 96Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 97Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
www.andersonpower.com
- 92 -
All Data Subject To Change Without Notice
A
B
SBE® Air Tubes
Air tubes fit into SBE® housings to allow electrolyte circulation while charging the battery. Genderless
tube design allows the same part to be used on both sides. (2) Retaining pins or (1) Retaining
clip is required to hold the air tube in place. Retaining pins are included in Air Tube Kit.
Description
---- Part Numbers ----
Minimum Quantity ....
500
25 ...
Air Tube Kit, Black
-
6396G1
Air Tube Only
3-5798P1
-
PPMX Auxiliary Connector
The PPMX auxiliary connector allows up to 8 auxiliary circuits to be used in the SBE®, SBO®, &
SBX® housings. There are 4 auxiliary circuits per PPMX connector and two PPMX housings fit
into the auxiliary port in the main connector housing. Rated up to 7 amps 300 volts per contact, the
genderless design holds two each gold plated pin & socket contacts. This innovation allows the very
durable and cost effective design of SBE®, O, X connectors to be used for applications requiring
up to 8 battery monitoring or equipment vehicle communication circuits. (2) Retaining pins or (1)
Retaining clip is required to hold the auxiliary housing in place.
Auxiliary Kits includes: (1) Auxiliary Housing, (2) Pin Contacts, and (2) Socket Contacts.
Description
AWG
mm²
----------- Part Numbers -------------
Minimum Quantity .................................................
1,000
100
25 .....
PPMX Auxiliary Kit
24 to 20 0.50 to 0.25
-
4850G6
-
1x4 Auxiliary Housing Contacts Sold Seperately 4827G6-BK
-
4827G6
Pin & Socket Contacts for PPMX Auxiliary Connector
Gold plated contacts are ideal for signal or low power use with durability up to 5,000 mating cycles.
Description
AWG
mm²
------ Part Numbers ------
Minimum Quantity ...............................................
2,000
50 ...
Pin Contacts
24 to 20 0.50 to 0.25
4803G3-BK
4803G3
Socket Contacts
24 to 20 0.50 to 0.25
4802G3-BK
4802G3
Retaining Clip
Retaining clips can be used in place of two retaining pins to
hold auxiliary connectors or air tubes. Allows easier removal
of auxiliary modules.
Description
-- Part Number --
Minimum Quantity .............
100
.......
For SBE®320 & SBX®350
2-8675P1
Retaining Pins
Retaining pins are used to hold acessories in the auxiliary port in SBE®, SBO®, & SBX®
housings. Dimension “B” is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
- Part Number -
inches
mm
inches mm
Minimum Quantity ...............
1,000
...............................................................................
For SBE®320 & SBX®350
110G59-BK
0.093 / 0.103 2.36 / 2.62
1.000
38.100
4803G3
4802G3
4827G6
Socket Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com