データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 67 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 63Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 64Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 65Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 66Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 67Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 68Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 69Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
www.andersonpower.com - 65 -
All Data Subject To Change Without Notice
| SB® 120 Accessories |
Mounting Clamp for SB®120
Mounting clamps can be used for fastening a SB®120 series housings to a panel.
Fastening hardware not included.
Description
--- Part Number ---
Minimum Quantity ............................
20 sets of 2 ....
Panel Mount Bracket for SBS®50
1467G1
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls
from dislodging wire or contacts from the housing. Cable clamps are recommended
for solder terminated wires.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
- Part Numbers -
Minimum Quantity ..........................................................................
50
..........
Bolt on for Discrete Conductor
0.70 to 0.23
17.7 to 5.8
981G1
Bolt on for Bundled Conductor
0.73 to 0.29
18.5 to 7.3
981G2
“T” Handle
The “T” handle makes mating and unmating the connector easier. The
non-conductive red plastic material is strong and safe. (2) Self tapping
screws are used to secure the handle to the connector housing.
Description
----------- Part Numbers -----------
Minimum Quantity ..................................
1,000
50 .........
Red “T” Handle + Hardware Bag
-
SB120-HDL-RED
Red “T” Handle Only
113899P1
-
#8 x 7/8” Screw (Order 2 Per Handle)
H1120P43
-
Dust Cover
Prevents dust and dirt from entering the mating interface of the connector
when unmated. NOTE: Not a Hermetic Seal.
Description
------ Part Numbers ------
Minimum Quantity ...................................
100
50 ....
Dust Cover with Lanyard Strap, Black
B02019P1
134G4
Reducing Bushings
Use with contact part number 1319-BK or 6811G6-BK to allow a smaller wire to be used with the
connector. Electrical capability is derated with smaller wire.
Dimensions
- ID -
Contact Barrel Size
Wire Size
---------- Part Numbers ---------- inches mm
Minimum Quantity ....................................................... 2,000
1,000
100
.......................
#2 AWG [33.6 mm²]
#4 AWG [21.2 mm²]
5919-BK
-
5919
0.28
7.11
#2 AWG [33.6 mm²]
#6 AWG [16 mm²]
-
5920-BK 5920
0.23
5.84
#2 AWG [33.6 mm²]
#10 - 8 AWG [5.3 - 8.4 mm²]
5921-BK
5921
0.18
4.57
1.82
1.44
2.38
1.75
0.16 DIA.
4 Places
0.88 High X 1.88 Wide
Panel Cutout
981G1
981G2
The given wire O.D. information is an estimate. Cable clamps should be
evaluated for performance with the actual wire to be used.
Slide cover over
mating end.
ID
[ 21.4 ]
0.84
Wire Entrance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com