データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 22 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 18Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 19Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 20Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 21Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 22Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 23Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 24Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 25Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
www.andersonpower.com
- 20 -
All Data Subject To Change Without Notice
| PP15-45 ORDERING INFORMATION |
PP15-45 series are the smallest Powerpole® housings. They can be
used for wire-to-wire or wire-to-board applications. Wire sizes from
#20 AWG (0.5 mm²) to #10 (6 mm²) offer power capabilities up to 55
amps per pole. Finger proof housings and the ability to incorporate
first-mate last-break ground connectors enhance the capabilities of
this Powerpole® series.
High Power Density
• Up to 55 amps in a compact footprint
Wire-to Wire & Wire-to-Board Configurations
• Wire & PCB contacts can be used in the same housings
Finger Proof Housings Available
• Protects against accidental contact with live circuits
Powerpole® Connectors
- PP15 to PP45 :
up to 55 Amps
[ 26.6 ]
0.97
[ 41.2 ]
1.62
[ 8.4 ]
0.33
[ 7.9 ]
0.31
[ 7.9 ]
0.31
PP15-45 Finger Proof & Standard & Ground Housing Dimensions
Finger Proof
Rib Feature
[ 17.27 ]
0.68
[ 3.81 ]
0.15
[ 6.35 ]
0.25
A
Open Barrel Contact
45A Premate Ground Housings
Green housings are keyed to prevent accidental mating
with standard or finger proof Powerpole® housings.
Description
------- Part Number -------
Minimum Quantity ...
2,500
200 ...
Green
1827G1-BK
1827G1
Front View
Mated Length
PP15-45 Finger Proof Housings
Improved on the original APP® design by adding ribs to mating interface to protect against accidental
contact with live circuits. Meets the requirements of UL1977 section 10.2 and is rated IP20. Will not
mate with standard housings.
Description
------------ Part Numbers ------------
Minimum Quantity ...
2,500
200 .....
Red
1327FP-BK
1327FP
Green
1327G5FP-BK
1327G5FP
Black
1327G6FP-BK
1327G6FP
White
1327G7FP-BK
1327G7FP
Blue
1327G8FP-BK
1327G8FP
Yellow
1327G16FP-BK
1327G16FP
PP15-45 Standard Housings
The original housing design has an open interface and is available
in a wide array of colors. Will not mate with finger proof housings.
Description
------- Part Numbers ------
Minimum Quantity ...
2,500
200 ...
Red
1327-BK
1327
Green
1327G5-BK
1327G5
Black
1327G6-BK
1327G6
White
1327G7-BK
1327G7
Blue
1327G8-BK
1327G8
Yellow
1327G16-BK
1327G16
Orange
1327G17-BK
1327G17
Gray
1327G18-BK
1327G18
Brown
1327G21-BK
1327G21
Pink
1327G22-BK
1327G22
Purple
1327G23-BK
1327G23
PP15-45 Tin Plated Power Contacts
Offer cost effective performance up to 1,500 mating cycles. See specifications and temperature
charts for amperage ratings by wire size.
Dimensions
Mating Loose Piece
Reeled
- A -
Barrel AWG
mm²
Force -------- Part Numbers -------
inches
mm
Minimum Quantity .......................................
200
5,000
.........................
Open 14 to 10 K*
2.1 to 5.3
High
269G3-LPBK
269G3
0.21
5.33
Open 14 to 10 K*
2.1 to 5.3
Low
261G2-LPBK
261G2
0.20
5.08
Open 14 to 10 SF* 2.1 to 6.0
High
201G1H-LPBK
201G1H 0.24
6.10
Open 14 to 10 SF* 2.1 to 6.0
Low
200G1L-LPBK
200G1L
0.24
6.10
Open 16 to 12
1.3 to 3.3
High
269G1-LPBK
269G1
0.18
4.57
Open 16 to 12
1.3 to 3.3
Low
261G1-LPBK
261G1
0.18
4.57
Open 20 to 16
0.52 to 1.3 High
269G2-LPBK
269G2
0.16
4.06
Open 20 to 16
0.52 to 1.3 Low
262G1-LPBK
262G1
0.16
4.06
Open 20 to 16 SF* 0.52 to 1.5 Low
200G2L-LPBK
200G2L
0.20
5.08
K* - For #10 AWG class K stranded wire or smaller. For larger wires use superflex contacts.
SF*- Indicates wires with high stranding such as Super Flex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com