データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 51 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 47Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 48Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 49Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 50Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 51Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 52Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 53Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 54Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
www.andersonpower.com - 49 -
All Data Subject To Change Without Notice
SBS® Connectors
- up to 105 amps
The patented SBS® connector family is designed to
provide high power in a compact ergonomic housing
with protection against accidental contact with live circuits.
This is of particular importance in applications where
DC voltages exceed 30 volts and can be health
threatening.
Wire-to-wire and wire-to-board configurations both
provide power contacts rated up to 105 amps. The
SBS®75X offers up to 4 mate-last break-first auxiliary
power contacts rated up to 20 amps. The SBS®75G
features a third first-mate last-break ground or power
contact. All contact positions are rated for circuit
interruption (hot plugging).
• Touch Safe Interface
- Can safely be used in through panel applications
- Minimizes potential contact with live circuits per IEC 60950
• Wire-to-Wire and Wire-to-Board Configurations
Allows one connector to meet multiple needs
• Ground or Auxiliary Contacts Integrated into the
One Piece Housing
Meets all connection requirements in one compact
connector housing
| SBS® ORDERING INFORMATION |
SBS®50 Standard Housings
Polycarbonate housings feature 2 positions all finger proof.
Genderless design mates with itself. Mechanical keys are
color coded.
Voltage
Color
Description Code
----------- Part Numbers -----------
Minimum Quantity ......
500
50
...
Red
24V
SBS50RED-BK
SBS50RED
Gray
36V
SBS50GRA-BK
SBS50GRA
Blue
48V
SBS50BLU-BK
SBS50BLU
Green
72V
SBS50GRN-BK
SBS50GRN
Black
80V
SBS50BLK-BK
SBS50BLK
Brown
96V
SBS50BRN-BK
SBS50BRN
White
192V
SBS50WHT-BK
SBS50WHT
SBS®50 Chemical Resistant (CR) Housings
Same features as the standard housings, but molded out of a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Voltage
Color
Description Code
------------ Part Numbers -------------
Minimum Quantity ......
500
50
...
Red
24V
PSBS50RED-BK
PSBS50RED
Gray
36V
PSBS50GRA-BK
PSBS50GRA
Blue
48V
PSBS50BLU-BK
PSBS50BLU
Green
72V
PSBS50GRN-BK
PSBS50GRN
Black
80V
PSBS50BLK-BK
PSBS50BLK
Brown
96V
PSBS50BRN-BK
PSBS50BRN
[84.8]
3.34
[ 16.5 ]
0.65
[ 55.8 ]
2.20
[ 19.1 ]
0.75
[ 6.3 ]
0.25
[ 36.1 ]
1.42
[ 3.6 ]
0.14 (2)
Material ID
[ 18.0 ]
0.71
P = Chemical Resistant
SBS®75G
SBS®75X
Wire to Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com