データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 40 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 36Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 37Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 38Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 39Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 40Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 41Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 42Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 43Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
www.andersonpower.com
- 38 -
All Data Subject To Change Without Notice
A
B
[ 21.4 ]
0.84
ID
[ 8.4 ]
0.33
| Powerpole® PP120 Accessories |
Mounting Clamp
Mounting clamps can be used for fastening a block of Powerpole® 120 series housings to a
panel. Connector blocks must be a complete square for the clamps to work properly. Fastening
hardware not included.
Description
- Part Numbers -
Minimum Quantity ... 20 sets of 2 ......
2 Pole
1464G1
3 Pole
1464G2
Retaining Pins
Retaining pins are used to keep stacked Powerpole® 120 series housings from
separating. Retaining pins are inserted in the circular opening between two
housings stacked side by side. Dimension B is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
----- Part Numbers -----
inches
mm
inches mm
Minimum Quantity ... 1,000
100
.........................................................................
1 Block High
111812P7
110G19
0.196 / 0.207 4.98 / 5.26
0.560
14.220
2 Block High
111812P8
110G20
0.196 / 0.207 4.98 / 5.26
1.500
38.100
Reducing Bushings
Use with contact part number 1319-BK or 6811G6-BK to allow a smaller wire to be used
with the connector. Electrical capability is derated with smaller wire.
Dimensions
- ID -
Contact Barrel Size
Wire Size
--------- Part Numbers --------- inches mm
Minimum Quantity ...................................................
2,000
1,000
100 ........................
#2 AWG [33.6 mm²] #4 AWG [21.2 mm²]
5919-BK
-
5919
0.28
7.11
#2 AWG [33.6 mm²] #6 AWG [16 mm²]
-
5920-BK 5920
0.23
5.84
#2 AWG [33.6 mm²] #10 - 8 AWG [5.3 - 8.4 mm²] 5921-BK
5921
0.18
4.57
2 Pole
3 Pole
Panel
Mounting Clamp
For environmentally sealed connector shells to hold Powerpole®
15-180 connectors, see APP®’s SPEC Pak® product series on our
website, www.andersonpower.com
25
50
75
100
125
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
6 AWG
PP120 Singlepole
Derating vs. Ambient Temperature
0
50
100
150
200
250
300
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
6 AWG
PP120 Multipole
Derating vs. Ambient Temperature
25
50
75
100
125
0
50
100
150
200
250 300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com