データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 59 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 55Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 56Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 57Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 58Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 59Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 60Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 61Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 62Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
www.andersonpower.com - 57 -
All Data Subject To Change Without Notice
SB® 50 Connectors
- up to 120 amps
| SB50® ORDERING INFORMATION |
Based off the design pioneered by Anderson in 1953,
APP®’s two pole SB® connectors set the standard for
DC power distribution and battery connections. SB®50
connectors feature a one piece plastic housing using
stainless steel springs to hold low resistance contacts in
place. Wires sizes from #16 (1.5 mm²) to #6 (13.3 mm²)
are held in the smallest of the SB® series housings.
• Low Resistance Silver or Tin Plated Copper Contacts
Allows UL rated currents up to 120 amps
• UL Rated for Hot Plugging up to 50 Amps
Great for battery or other applications where the ability to
interrupt circuits is required
• Wire, PCB, and Busbar Contacts
Allows one connection system to meet multiple needs
SB®50 Standard Housings
The smallest SB® housings work with wire contacts up to
6 AWG [10 mm²] as well as PCB, and busbar contacts.
Genderless design mates with itself. Mechanical keys are
color coded.
Voltage
Color
Description Code
---- Part Numbers ----
Minimum Quantity ....
500
100 ...
Yellow
12V
992G5-BK 992G5
Orange
18V
992G7-BK 992G7
Red
24V
992G1-BK 992G1
Gray
36V
992-BK
992
Blue
48V
992G4-BK 992G4
Green
72V
992G6-BK 992G6
Black
80V
992G2-BK 992G2
NOTE: SB®50 Black and Gray housings have the
same keying features and can be intermated.
SB®50 Chemical Resistant Housings
Same features as the Standard SB®50 but molded in a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Voltage
Color
Description Code
---- Part Numbers ----
Minimum Quantity ....
500
100 ...
Red
24V
P992G1-BK P992G1
Gray
36V
P992-BK
P992
Black
80V
P992G2-BK P992G2
NOTE: SB®50 Black and Gray housings have the
same keying features and can be intermated.
[ 81.3 ]
3.20
[ 3.7 ]
Ø 0.14
(2) PLC’S
[ 15.9 ]
0.63
Material ID
[ 35.1 ]
1.38
[ 22.5 ]
0.89
[ 19.1 ]
0.75
[ 6.4 ]
0.25
Bottom View
Mated Length
P = Chemical Resistant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com