データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 68 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 64Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 65Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 66Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 67Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 68Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 69Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
www.andersonpower.com
- 66 -
All Data Subject To Change Without Notice
| SB®175 ORDERING INFORMATION |
SB175® Connectors
- up to 280 Amps
SB®175 Standard Housings
The second to largest SB® housings work with wire contacts up to 1/0
AWG [50 mm²] as well as busbar contacts. Genderless design mates with
itself. Mechanical keys are color coded. NOTE: SB175 black is keyless
and can be mated with all other colors.
Voltage
Color
Description
Code
--- Part Numbers ---
Minimum Quantity ..........
200
50 ...
Yellow
12V
943-BK
943
Orange
18V
942-BK
942
Red
24V
949-BK
949
Gray
36V
940-BK
940
Blue
48V
941-BK
941
Black (Keyless) 80V
2-7252G11 -
Brown
96V
940-BK
940
SB®175 Chemical Resistant Housings
Same features as the Standard SB®175 but molded in a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Voltage
Color
Description Code
---- Part Numbers ----
Minimum Quantity ......
200
50 ...
Red
24V
P949-BK
P949
Gray
36V
P940-BK
P940
2 Pole
3 Pole
Wires sizes from #12 (3.3 mm²) to 1/0 (50 mm²) fit in
the second to largest connector in the SB® series. The
3 pole SB®175 adds an additional position for power or
grounding. All Multipole wire connector housings are
genderless and mate to themselves minimizing inven-
tory and assembly complexity.
• Silver Plated Wire Contacts up to 1/0 (50 mm²)
Allows UL rated currents up to 280 amps
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• UL Rated for Hot Plugging up to 100 Amps
Great for battery or other applications where the ability to
interrupt circuits is required
Mated Length
Bottom View
[ 133.4 ]
5.25
Material ID
P = Chemical
Resistant
[ 55.6]
2.19
[ 25.4 ]
1.00
[ 79.6 ]
3.13
[ 6.5 ]
Ø 0.26
(2) PLC’S
[ 28.6 ]
1.13
[ 11.3 ]
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com