データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 84 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 80Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 81Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 82Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 84Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 85Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 86Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 87Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
www.andersonpower.com
- 82 -
All Data Subject To Change Without Notice
| SBE®160 / SBX®175 ORDERING INFORMATION |
SBE®160 / SBX®175 Connectors
- up to 175 Amps
SBE®160 / SBX®175 Housings
The middle size of SBE®, X, O style housing. SBE® housings are molded from a chemical
resistant PBT. SBX® housings are molded from PC. SBE®160 and SBX®175 housings of the
same Voltage Color Code can be mated but is not recommended as it invalidates UL
approvals. SBX®175 housings do not meet EN1175-1 requirements for industrial trucks.
Voltage
Color
Description Code
- SBE®160 Part Numbers - - SBX®175 Part Numbers -
Minimum Quantity ....
100
25
100
25
......
Yellow
12V
2-8170G4
E6383G1
2-7251G4
6383G1
Orange
18V
2-8170G3
E6382G1
2-7251G3
6382G1
Red
24V
2-8170G5
E6385G1
2-7251G5
6385G1
Gray
36V
2-8170G1
E6380G1
2-7251G1
6380G1
Blue
48V
2-8170G2
E6381G1
2-7251G2
6381G1
Green
72V
2-8170G7
E6390G1
2-7251G7
6390G1
Black
80V
2-8170G14
E6392G1
N/A
N/A
SBE®160 / SB®175 Silver Plated Primary Power Wire Contacts
Use two silver plated contacts per housing for the best electrical performance
and durability up to 10,000 mating cycles.
Dimensions
- A -
AWG mm²
- Loose Piece Part Numbers -
inches mm
Minimum Quantity ....
500
50
.......................................
1/0
50
6384G1-BK
6384G1
0.44
11.1
2
35
6384G2-BK
6384G2
0.38
9.7
[ 146.0 ]
5.75
[ 25.4 ]
1.00
[ 92.1 ]
3.63
[ 71.2 ]
2.80
[ 15.9 ]
0.63
[ 49.2 ]
1.94
[ 28.6 ]
1.13
Ø [ 6.7 ]
0.27
Top View
Mated Length
[ 13.0 ]
0.51
A
[ 59.2 ]
2.33
[ 12.7 ]
0.50
[ 21.3 ]
0.84
SBX® and SBE® connectors can integrate up to 8
auxiliary power / signal contacts along with the two
primary power circuits. SBE® connectors feature
an IEC 60950 touch safe housing molded from a
chemical resistant PBT/PC blend resin. SBX® are
molded from a rugged PC resin and are rated IP20
per IEC 60529.
• Touch Safe Interface
Minimizes potential contact with live circuits per IEC 60950
& IEC 60529
• Up to 8 Last Mate / First Break Auxiliary’s
Enables intelligent power switching, CAN and interlock loop
circuitry, as well as power up to 20 amps per pole
• Color-coded Mechanical Voltage Keys
Like all Multipole connectors, the SBE® and SBX® offer an
easy way to identify circuits and protect against cross mating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com