データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 44 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 40Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 41Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 42Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 43Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 44Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 45Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 46Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 47Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
www.andersonpower.com
- 42 -
All Data Subject To Change Without Notice
| Powerpole® PP180 Accessories |
Panel
Mounting Clamp
2 Pole
3 Pole
A
B
Mounting Clamp
Mounting clamps can be used for fastening a block of
Powerpole® 180 series housings to a panel. Connector
blocks must be a complete square for the clamps to work
properly. Fastening hardware not included.
Description
- Part Numbers -
Minimum Quantity ... 20 sets of 2 .....
2 Pole
1465G1
3 Pole
1465G2
Retaining Pins
Retaining pins are used to keep stacked Powerpole® 180 series housings from separating.
Retaining pins are inserted in the circular opening between two housings stacked side by side.
Dimension “B” is +/- .015 in or .38 mm.
Dimensions
- A -
- B -
Description
----- Part Numbers -----
inches
mm
Minimum Quantity ...
1,000
100
..................................................................................
1 Block High
111812P6
110G18
0.196 / 0.207
4.98 / 5.26 1.000
25.400
2 Block High
111812P8
110G20
0.196 / 0.207
4.98 / 5.26 1.500
38.100
Reducing Bushings
Use with contact part number 1382-BK to allow a smaller wire to be used with the connector. Electrical
capability is derated with smaller wire.
Dimensions
- ID -
Contact Barrel Size
Wire Size
----------------- Part Numbers ---------------- inches mm
Minimum Quantity ..................................................... 1,500
1,000
500
100 ............................
1/0 AWG [53.5 mm²] #1 AWG [42.4 mm²]
-
-
5687-BK 5687
0.39
9.91
1/0 AWG [53.5 mm²] #2 AWG [33.6 mm²]
5690-BK
-
-
5690
0.34
8.64
1/0 AWG [53.5 mm²] #4 AWG [21.2 mm²]
-
5693-BK -
5693
0.27
6.86
1/0 AWG [53.5 mm²] #6 AWG [13.3 mm²]
-
5663-BK -
5663
0.22
5.59
1/0 AWG [53.5 mm²] #10 - 8 AWG [5.3 - 8.4 mm²] 5648-BK
-
-
5648
0.19
4.83
ID
Wire Entrance
[ 25.4 ]
1.0
For environmentally sealed connector shells to hold Powerpole®
15-180 connectors, see APP®’s SPEC Pak® product series on our
website, www.andersonpower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com