データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 80 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 76Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 77Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 78Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 79Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 80Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 81Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 82Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
www.andersonpower.com
- 78 -
All Data Subject To Change Without Notice
| SBE®80 / SBO®60 CONNECTOR SPECIFICATIONS |
Materials
Housing
SBO® and Powerpole® Plastic Resin
Polycarbonate
SBE® and 1x4 Auxiliary Housing
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Power & Powerpole® Contact
Silver Plated Copper Alloy
1x4 Auxiliary Contacts
Pin
Copper alloy, Au over Ni
Socket
BeCu, Au over Ni
Socket Body
Copper alloy, Sn bright over Ni
Retention Clip
Stainless Steel
PPMX Contacts
Gold Plated Copper Alloy
Contact Termination Methods
Crimp³
Hand Solder
Mechanical
Wire Size Range
AWG
mm²
Power Contacts
16 to 6
1.3 to 13.3
Auxiliary Contacts
24 to 10
0.25 to 5.3
Max. Wire Insulation Diameter
in.
mm
Power Contacts
0.440
11.200
Powerpole® Auxiliary
0.175
4.450
1x4 Auxiliary
0.140
3.600
Operating Temperature²
°F
°C
SBO® and SBE® Housings
-4° to 221°
-20° to 105°
Mating Cycles No Load by Plating
Silver (Ag) Gold (Au)
Power Contacts
10,000
Powerpole® Auxiliary
10,000
1x4 Auxiliary
10,000
PPMX Auxiliary
5,000
Avg. Mating / Unmating Force
Lbf.
N
Main Connnector Housing
16
70
Per Powerpole®
5
22
Per Contact in 1x4 Auxiliary
0.7
3.0
Per PPMX Housing
4.50
20.00
Min. Contact / Spring Retention Force
Lbf.
N
Power Standard Housing
50
222
Powerpole® Housing
25
111
1x4 Auxiliary Housing
10
44.5
PPMX Housing
12
53
Electrical
Current Rating Amperes¹
SBO60
SBE80
Primary Power (6 AWG)
70
80
Powerpole® Auxiliary (12 AWG)
20
20
1x4 Auxiliary (12 AWG)
20
20
PPMX Auxiliary (20 AWG)
7 UL
5 CSA
Voltage Rating AC/DC
UL 1977 EN1175-1
Primary Power
600
1504
Powerpole® Auxiliary
600
1504
1x4 Auxiliary
200
PPMX Auxiliary
300
Dielectric Withstanding Voltage Primary Power
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
1 1/4” of #6 AWG wire
0.200
Hot Plug Current Rating Amperes - 250 cycles at 120V DC
Power
60A
Powerpole® Auxiliary
30A
1x4 Auxiliary
5A
Protection
Touch Safety Main Connector Housing
IEC 60950
Pass
IEC 60529
IP20
¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating not to exceed
the maximum operating temperature. CSA rating below a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition.
4
Voltage capability of SBE® housings is identical to SBO®, but derated to meet EN1175-1 requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com