データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 96 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 92Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 93Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 94Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 95Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 96Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 97Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 98Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 99Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
www.andersonpower.com
- 94 -
All Data Subject To Change Without Notice
SBO® / SBE® / SBX®
- Tooling Information
300 MCM
152
6358
N/A
N/A
N/A
N/A
4/0 AWG
107.2
6356
3/0 AWG
85
6355
2/0 AWG
67.4
6354
N/A
95 mm²
1341G3
N/A
70 mm²
1341G2
N/A
50 mm²
1341G1
1303G8
1387G2
1303G2
1304G2
1387G2
1303G2
1304G2
#4
25
1339G4
N/A
#6
16
1339G1
1309G4
#16 / 20
1.3 / .52
1332
#12 / 16
3.3 / 1.3
1331
All Crimp Pins
All Crimp Sockets
* TP0001 and TM0001 tools require locators to properly position contacts.
** See Powerpole® family tooling chart for other Powerpole® contacts
Double
Single
Single
1389G9
1387G1
1368
1368
1387G1
1388G7
1309G2 or
1309G8
1/0 AWG
#2
6384G1
6384G2
1303G12 1304G28
1387G2
1387G2
1303G17
1303G12
TP0001*
N/A
PM1000G1
#12 / 24
2.5 / .25
TL0001
TL0002
Single
1367G1
N/A
N/A
Single
1388G3
1389G3
53.5
35 mm²
AWG
mm²
Contacts
Pneumatic
Bench Tool + Die
+ Locator
Number
of
Crimps or Hand Tool
SBO 60 / SBE 80
SBE 160 / SBX 175
PowerMod 1x4 Auxiliary Contacts
Powerpole 15/45 Auxiliary Contacts **
SBE 320 / SBX 350
1304G35
1304G34
Double
4803G3
4802G3
#20 / 24 0.50 / 0.25
TP0001*
N/A
Single
TM0001* or
PM1000G1
TL0005
PPMX Auxiliary Contacts
Loose Piece
Part Numbers
Wire Size
Loose Piece Contact Crimp Tool
NOTE: See website for the most current information.
1304G36
1388G6
TM0001*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com