データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 83 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 79Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 80Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 81Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 82Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 84Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 85Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 86Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
www.andersonpower.com - 81 -
All Data Subject To Change Without Notice
ID
Length
Wire Entrance
A
B
Pin & Socket Contacts for PPMX Auxiliary Connector
Gold plated contacts are ideal for signal or low power use with durability up to 5,000 mating cycles.
Description
AWG
mm²
------ Part Numbers ------
Minimum Quantity ...............................................
2,000
50 ...
Pin Contacts
24 to 20 0.50 to 0.25
4803G3-BK
4803G3
Socket Contacts
24 to 20 0.50 to 0.25
4802G3-BK
4802G3
SBE® Air Tubes
Air tubes fit into SBE® housings to allow electrolyte circulation while charging the battery.
Genderless tube design allows the same part to be used on both sides. (2) Retaining pins
are required to hold the air tube in place. Retaining pins are included in Air Tube Kit.
Description
------ Part Numbers -----
Minimum Quantity ....
500
25 .......
Air Tube Kit, Black
-
6396G1
Air Tube Only
3-5798P1
-
Retaining Pins
Retaining pins are used to hold accessories in the auxiliary port in SBE®, SBO®, & SBX® housings.
Dimension “B” is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
--- Part Numbers ---
inches
mm
inches
mm
Minimum Quantity ............
1,000
100
..............................................................................
For SBE®80 & SB0®60
110G9-BK
110G9
0.093 / 0.103 2.36 / 2.62
1.000 38.100
Zip Cable Straps
Zip cable straps are used to secure auxiliary wires to the side of the main power cables.
Description
-- Part Number --
Minimum Quantity ....
1,000
......
White
H1835P3
Reducing Bushings
Use with contact part number 1339G1 to allow a smaller wire to be used with the connector. Electrical capability
is derated with smaller wire.
Dimensions
- ID -
- Length -
Contact Barrel Size Wire Size
--------- Part Numbers -------- inches mm
Inches mm
Minimum Quantity .....................................................
3,000
1,000
100 ..................................................
#6 AWG [13.3 mm²] #8 AWG [8.4 mm²]
-
5912-BK 5912 0.18
4.57
0.45
11.43
#6 AWG [13.3 mm²] #12- 10 AWG [3.3- 5.3 mm²]
5910-BK
-
5910 0.14
3.56
0.47
11.94
#6 AWG [13.3 mm²] #16- 14 AWG [1.3- 2.1 mm²]
5913-BK
-
5913 0.09
2.29
0.47
11.94
4803G3
4802G3
NOTE: Contacts sold individually, not sold as a set of two.
Use cable ties to secure auxiliary
contact leads to one of the main cables.
Retaining Pins
Male Dovetail
Powerpole®
Housings With
Crimped Contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com