データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 93 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 89Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 91Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 92Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 93Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 94Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 95Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 96Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
www.andersonpower.com - 91 -
All Data Subject To Change Without Notice
[ 8.4 ]
0.33
[ 10.9 ]
0.43
[ 3.8 ]
0.15
[ 41.3 ]
1.62
[ 1.60 ]
Ø 0.06
ID
Retention Clip
L1
L
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID
Auxiliary Pin
- L -
- L1 -
Contact Lengths
in.
mm
in.
mm
Standard Length 7.7mm 0.77 19.6
0.30 7.7
Pre-Mate 9.3mm
0.83 21.2
0.37 9.3
Pre-mate 8.5mm
0.80 20.4
0.33 8.5
Post-Mate 6.6mm
0.72 18.3
0.25 6.4
Auxiliary Socket Contacts
Crimp Barrel ID
Wire Gauge in.
mm.
#24 / 20
0.04 1.1
#20 / 16
0.07 1.7
#16 / 14
0.08 2.1
#12
0.10 2.6
Socket
Locations
Powerpole® Auxiliary
Powerpole® auxiliary connectors are rated up to 30 amps 600 volts and can be used for auxiliary
power, control or sensing. The auxiliary kit includes (1) each black and red Standard Powerpole®
housing, (2) contacts, (2) zip cable straps, and (2) retaining pins. (1) Retaining clip can be
substituted for (2) retaining pins.
Description
----------- Part Numbers ----------
Minimum Quantity .........................................
200
100
25 ...
Powerpole® Auxiliary Kit #16 to #12 Contact
-
114360G1 6305G1
Powerpole® Auxiliary Kit #20 to #16 Contact
-
-
6310G1
Black Powerpole® Housing
1327G6
-
-
Red Powerpole® Housing
1327
-
-
#16 to #12 Contact
1331
-
-
#20 to #16 Contact
1332
-
-
1x4 Auxiliary Connector
APP®’s unique 1x4 auxiliary connector allows up to 4 auxiliary circuits up to 20 amps 150 volts
each in SBE®, SBO®, & SBX® housings. The genderless design holds two each of the gold
plated pin & socket contacts. This innovation allows the very durable and cost effective design
of SBE®,O,X connectors to substitute for DIN 43589-1 applications where 4 auxiliary contacts
are required. Multiple pin lengths allow the further benefit of sequencing between circuits. (2)
Retaining pins or (1) Retaining clip is required to hold the auxiliary housing in place. Auxiliary
Kits include (1) Auxiliary Housing, (2) Standard Length Pin Contacts, (2) Socket Contacts, (2)
Retaining Pins and (1) Retaining Clip.
Description
AWG
mm²
----------- Part Numbers -----------
Minimum Quantity ..................................................
1,000
250
25 ....
1x4 Auxiliary Kit
12
4
-
-
440G1
1x4 Auxiliary Kit
16 to 14 1.5 to 2.5
-
-
440G2
1x4 Auxiliary Kit
20 to 16 0.5 to 1.5
-
-
440G3
1x4 Auxiliary Housing
Contacts Sold Seperately 3-5956P1
444G1
-
Pin Contacts for 1x4 Auxiliary Connector
Gold plated contacts are available in 4 lengths to allow sequencing of circuits.
Description
AWG
mm²
----------------- Part Numbers ----------------
Minimum Quantity ....................................................
500
50
...........
Standard Length 7.7mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3mm
12
2.5
PM16P12A30
PM16P12A30-50
16 to 14
1.0 to 1.5
PM16P1416A30
PM16P1416A30-50
20 to 16
0.75 to 1.0
PM16P1620A30
PM16P1620A30-50
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Pre-Mate 8.5mm
12
2.5
PM16P12B30
PM16P12B30-50
16 to 14
1.0 to 1.5
PM16P1416B30
PM16P1416B30-50
20 to 16
0.75 to 1.0
PM16P1620B30
PM16P1620B30-50
24 to 20
0.50 to 0.75
PM16P2024B30
PM16P2024B30-50
Post-Mate 6.4mm
12
2.5
PM16P12C30
PM16P12C30-50
16 to 14
1.0 to 1.5
PM16P1416C30
PM16P1416C30-50
20 to 16
0.75 to 1.0
PM16P1620C30
PM16P1620C30-50
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
Socket Contacts for 1x4 Auxiliary Connector
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
-------------------- Part Numbers -------------------
Minimum Quantity ..................................
500
50
.............
Socket Contact 12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32 PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32 PM16S1620S32-50
24 to 20 0.50 to 0.75 PM16S2024S32 PM16S2024S32-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com