データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 41 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 37Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 38Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 39Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 40Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 41Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 42Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 43Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 44Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
www.andersonpower.com - 39 -
All Data Subject To Change Without Notice
| PP180 ORDERING INFORMATION |
Powerpole® Connectors
- PP180: up to 350 Amps
PP180 are the largest of the Powerpole® series housings.
They are designed to accommodate up to 3/0 (70 mm²)
wires and handle high currents up to 350 amps. Busbar
contacts are also available for power inputs and takeoffs.
Color-coded housings minimize user confusion and the
potential of cross mating circuits.
Low Resistance Silver Plated Copper Contacts
• Allows currents up to 350 amps
UL Rated for Hot Plugging up to 75 Amps
• Great for battery or other applications where the ability to
interrupt circuits is required
Busbar Contacts Work with Standard Housings
• Provides a hot swappable quick disconnect system for busbar
power distribution
PP180 Housings
The largest Powerpole® housing can be used with wire
contacts for up to 3/0 AWG [85mm²] or busbar contacts.
Description
-------- Part Numbers --------
Minimum Quantity ...
250
50 .......
Red
1381G3-BK
1381G3
Green
1381G4-BK
1381G4
Black
1381G1-BK
1381G1
White
1381G2-BK
1381G2
Blue
1381-BK
1381
PP180 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
New contacts for 2/0 to 3/0 AWG (70 to 85 mm²) offer extended capability in the same housings.
Dimensions
Mating
- A -
- B -
- C -
- D -
AWG
mm²
Force
---------- Loose Piece Part Numbers -----------
inches
mm
inches mm
inches mm
inches mm
Minimum Quantity ........
500
300
250
50
..............................................................................................................
3/0
85
Low
-
-
1328G2-BK 1328G2
2.35
59.69 0.70
17.78 0.58
14.73 1.04
26.42
2/0
67.4
Low
-
1328G1-BK
-
1328G1
2.35
59.69 0.64
16.26 0.49
12.45 1.04
26.42
1/0
53.5
High
1382-BK
-
-
1382
2.35
59.69 0.52
13.21 0.44
11.18 1.04
26.42
1
42.4
High
1347-BK
-
-
1347
2.35
59.69 0.52
13.21 0.39
9.91
1.04
26.42
2
33.6
High
1383-BK
-
-
1383
2.35
59.69 0.52
13.21 0.35
8.89
1.04
26.42
4
21.1
High
1384-BK
-
-
1384
2.35
59.69 0.52
13.21 0.30
7.62
1.04
26.42
6
13.3
High
1348-BK
-
-
1348
2.10
53.34 0.37
9.40 0.22
5.59
0.80
20.32
[ 12.70 ]
050
B
A
D
C
[ 82.6 ]
3.25
[ 129.7 ]
5.5
[ 30.0 ]
1.18
[ 28.6 ]
1.13
[ 28.6 ]
1.13
Front View
Mated Length
Wire to Busbar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com