データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 47 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 43Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 44Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 45Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 46Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 47Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 48Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 49Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 50Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
www.andersonpower.com - 45 -
All Data Subject To Change Without Notice
SBS® Connector SB® Connector
SBX® / SBE® / SBO® Connectors
Page Number
49
57
77
Amps Per Pole
50 - 110
50 - 450
60 - 350
Volts (UL) Per Pole
600
600
600
Wire Gauge (AWG)
16 - 6
16 - 300
16 - 300
Wire Gauge (mm²)
1.3 - 13.3
1.3 - 152
13.3 - 152
Number of Power Circuits
2 - 3
2 - 3
2
Number of Auxiliary Circuits
4
0
8
PCB Mount
●
●
Bus Bar
●
Panel Mount
●
●
Hot Plug
●
●
●
Touch Safe
●
●
Mechanically Keyed
●
●
●
Handle
●
●
●
Air Supply System
●
| MULTIPOLE FAMILY SELECTION GUIDE |
Actual Size - Connector Half
SB®50
SB®120
SB®175 - 2 Pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com