データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 60 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 56Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 57Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 58Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 59Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 60Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 61Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 62Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 63Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
www.andersonpower.com
- 58 -
All Data Subject To Change Without Notice
SB®50 Silver Plated Wire Contacts
Use two silver plated contacts per housing for the best electrical
performance and durability up to 10,000 mating cycles.
Dimensions
Mating
Loose Piece
- A -
AWG
mm²
Force
--- Part Numbers ---
inches mm
Minimum Quantity ...................
1,000
100
.........................
6
13.3
Low
1307-BK 1307
0.22
5.59
6
13.3
High
5900-BK 5900
0.22
5.59
8
8.4
High
5952-Bk 5952
0.19
4.83
12 to 10
3.3 to 5.3 Low
5953-BK 5953
0.14
3.56
12 to 10
3.3 to 5.3 High
5915-BK 5915
0.14
3.56
SB®50 Tin Plated Reeled Wire Contacts
Use two reeled contacts per housing. Reeled contacts are for use with the recommended
high volume press and applicator tooling. Rated for up to 1,500 mating cycles.
Dimensions
Mating
Reeled
- A -
- B -
AWG
mm²
Force
- Part Numbers - inches mm
inches mm
Minimum Quantity ......................
2,000
.................................................
8 to 6
8.4 to 13.3 High
265G5
0.26
6.60
0.36
9.14
12 to 10 3.3 to 5.3
High
265G6
0.17
4.32
0.29
7.37
SB®50 Silver Plated Busbar Contacts
Use 2 busbar contacts per housing to provide a quick disconnect input or output
busbar connection. Busbar contacts are for mating with wire contacts only. Part number
75BBS includes lock nuts. Locknuts must be ordered separately for B01956P4.
Mating
Type
Thread
Force
----------- Loose Piece Part Numbers -----------
Minimum Quantity .................
1,000
120
20
10 ...
Busbar
#10-24
High
-
B01956P4
-
75BBS
Lock Nut
#10-24
-
H1216P8
-
110G54
-
55A Right Angle Standard Powerclaw PCB Contacts
Standard Powerclaw contacts are for use inside a SB®50 housing
and provide a color coded right angle connection to the PCB.
Description
- Loose Piece Part Numbers -
Minimum Quantity ....
500
100
.......
Tin Plated
PC5930T-BK PC5930T
Silver Plated
PC5930S-BK PC5930S
55A Right Angle Mini Powerclaw PCB Contacts
Right angle Mini Powerclaw contacts can be used on the PCB edge
without a SB®50 housing on the PCB side. A self polarizing design only
allow SB®50 wire housings to mate to PCB contacts one way.
Description
- Loose Piece Part Numbers -
Minimum Quantity ....
1,000
100
.......
Tin Plated
PC5934T-BK PC5934T
Silver Plated
PC5934S-BK PC5934S
[ 32.2 ]
1.27
A
B
[ 69.1 ]
2.72
[ 2.0 ]
0.08
[ 17.1 ]
0.68
See Busbar contact drawing on
website for further detail.
[ 7.1 ]
0.28
B
A
D
C
[ 3.7 ]
Ø 0.14 (2)
[ 11.4 ]
0.45
[ 22.6 ]
0.89
[ 19.05 ]
0.750
[ 21.6 ]
0.85
[ 8.0 ]
0.32
[ 27.4 ]
1.08
[ 35.0 ]
1.380
[ 15.6 ]
0.62
[ 63.6 ]
2.51
[ 23.7 ]
0.93
[ x ]
x
Top View
Side View
See PCB contact drawing on website for further detail.
[ 25.4 ]
1.00
[ 12.19 ]
0.480
[ 1.27 ]
0.050
[ 17.5 ]
0.69
[ 6.10 ]
0.240
[ 2.42 ]
0.095
[ 24.6 ]
0.97
[ 8.1 ]
0.32
[ 7.6 ]
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com