データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 79 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 75Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 76Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 77Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 78Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 79Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 80Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 81Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 82Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
www.andersonpower.com - 77 -
All Data Subject To Change Without Notice
| SBE®80 / SBO®60 ORDERING INFORMATION |
SBE®80 / SBO® 60 Connectors
- up to 80 Amps
SBE®80 / SBO®60 Housings
The smallest size of SBE®, X, O style housing. SBE® housings are molded from a chemical
resistant PBT. SBO® housings are molded from PC. SBE®80 and SBO®60 housings of the
same Voltage Color Code can be mated but is not recommended as it invalidates UL
approvals. SBO®60 housings do not meet EN1175-1 requirements for industrial trucks.
Voltage
Color
Description Code
----- SBE®80 Part Numbers ----- ----- SBO®60 Part Numbers -----
Minimum Quantity ....
400
25
400
25 ......
Yellow
12V
SBE80YEL-BK
SBE80YEL
SBO60YEL-BK
SBO60YEL
Orange
18V
SBE80ORN-BK
SBE80ORN
SBO60ORN-BK
SBO60ORN
Red
24V
SBE80RED-BK
SBE80RED
SBO60RED-BK
SBO60RED
Gray
36V
SBE80GRA-BK
SBE80GRA
N/A
N/A
White
144V
N/A
N/A
SBO60WHT-BK
SBO60WHT
SBE®80 / SBO®60 Silver Plated Primary Power Wire Contacts
Use two silver plated contacts per housing for the best electrical performance and
durability up to 10,000 mating cycles.
Dimensions
Mating
- A -
- B -
AWG
mm²
Force
- Loose Piece Part Numbers -
inches mm
inches mm
Minimum Quantity ...........
1,000
100
...................................................
4
25
Low
1339G4-BK
1339G4
0.28
7.11
0.35
9.0
6
16
High
1339G1-BK
1339G1
0.22
5.59
0.29
7.3
[ 39.4 ]
1.55
B
A
[ 13.0 ]
0.51
[ 7.6 ]
0.30
SBE® and SBO® connectors build on the capability of
the two pole SB® connectors by offering up to 8 auxiliary
power / signal contacts along with an IEC 60950 touch
safe housing. The center of the main connector features
a connector holder for either: two PP15-45, two PPMX, or
APP’s innovative 1x4 auxiliary connector.
• Touch Safe Interface
Minimizes potential contact with live circuits per IEC 60950
• Up to 8 Last Mate / First Break Auxiliary’s
Enables intelligent power switching, CAN and interlock loop
circuitry, as well as power up to 20 amps per pole
• Silver Plated Wire Contacts up to #4 (25 mm²)
Allows UL rated currents up to 80 amps per pole
[ 112.2 ]
4.42
[ 46.0 ]
1.81
[ 14.6 ]
0.58
[ 49.5 ]
1.95
[ 5.1 ]
0.20
[ 58.9 ]
2.32
[ 26.3 ]
1.03
[ 69.6 ]
2.74
Mated Length
Side View
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com