データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 90 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 86Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 87Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 88Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 89Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 91Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 92Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 93Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
www.andersonpower.com
- 88 -
All Data Subject To Change Without Notice
| SBE®320 / SBX®350 ORDERING INFORMATION |
SBE®320 / SBX®350 Connectors
- up to 350 Amps
SBE®320 / SBX®350 Housings
The largest size of SBE®, X, O style housing. SBE® housings are molded from a chemical
resistant PBT. SBX® housings are molded from PC. SBE®320 and SBX®350 housings of
the same Voltage Color Code cannot be mated. SBX®350 housings do not meet
EN1175-1 requirements for industrial trucks.
Voltage
Color
Description
Code
- SBE®320 Part Numbers - - SBX®350 Part Numbers -
Minimum Quantity ..........
100
25
100
25
...........
Yellow
12V
2-8171G6
E6362
2-7249G6
6362
Orange
18V
2-8171G7
E6339
2-7249G7
6339
Red
24V
2-8171G3
E6352
2-7249G3
6352
Gray
36V
2-8171G1
E6380G1
2-7249G1
6350
Blue
48V
2-8171G2
E6351
2-7249G2
6351
Green
72V
2-8171G4
E6353
2-7249G4
6353
Black
80V
2-8171G5
E6361
2-7249G5
6361
Brown
96V
2-8171G8
E6336
N/A
N/A
Purple
120V
2-8171G9
E6349
N/A
N/A
SBE®320 / SBX®350 Silver Plated Primary Power Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
Dimensions
- A -
- B -
- C -
- D -
AWG
mm²
- Loose Piece Part Numbers -
inches mm
inches mm
inches mm
inches mm
Minimum Quantity ......
200
150
50
..............................................................................................................
300 mcm 150
-
6358-BK
6358
3.03
76.96
0.88
22.35
0.75 19.05
0.88
22.35
4/0
120
6356-BK
-
6356
3.10
78.74
0.75
19.05
0.64 16.26
0.81
20.57
3/0
95
6355-BK
-
6355
3.10
78.74
0.70
17.78
0.58 14.73
0.81
20.57
2/0
70
6354-BK
-
6354
3.10
78.74
0.64
16.26
0.49 12.45
0.81
20.57
2
35
6394-BK
-
6394
3.03
76.96
0.51
12.95
0.38 9.65
0.81
20.57
[ 200.0 ]
7.88
[ 33.3 ]
1.31
[ 61.9 ]
2.44
[ 28.6 ]
1.13
[ 15.9 ]
0.63
[ 83.4 ]
3.28
[ 125.4 ]
4.94
Ø [ 6.7 ]
0.27
Top View
Mated Length
[ 20.6 ]
0.81
B
A
D
C
SBX® and SBE® connectors can integrate up to 8 auxiliary
power / signal contacts along with the two primary power
circuits. Sequencing within auxiliary positions is possible
using the 4 pin lengths available in the 1x4 auxiliary
connector. The SBE® touch safety rating is equivalent to
that of the SBS® connector line.
• Silver Plated Wire Contacts up to 300 mcm (152 mm²)
Allows low resistance UL rated currents up to 350 amps per pole
• Up to 8 Last-mate / First-break Auxiliary’s
Enables intelligent power switching, CAN and interlock loop
circuitry, as well as power up to 20 amps per pole
• Durable Housings and Contacts
Like all Multipole connectors, the silver plated power contacts
are rated up to 10,000 mating cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com