データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 31 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 27Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 28Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 29Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 30Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 31Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 32Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 33Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 34Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
www.andersonpower.com - 29 -
All Data Subject To Change Without Notice
A
B
2 Pole
4 Pole
For environmentally sealed connector shells to hold Powerpole®
15-180 connectors, see APP®’s SPEC Pak® product series on our
website, www.andersonpower.com
PCB Mounting Staples
PCB staples are soldered into place to secure Powerpole® 15-45 series housings
in a horizontal configuration to the board. Reduce strain on soldering joints during
mating and unmating.
Dimensions
Part
- A -
- B -
Numbers
H x W
Length
inches
mm
inches
mm
Minimum Quantity 100 ................................................................................
114555P1
1 x 1
Short
0.47
12.0
0.28
7.0
114555P2
1 x 2
Short
0.47
12.0
0.57
14.5
114555P11 1 x 2
Long
0.67
17.0
0.57
14.5
114555P3
1 x 3
Short
0.47
12.0
0.89
22.5
114555P7
1 x 4
Short
0.47
12.0
1.20
30.5
114555P12 1 x 4
Long
0.67
17.0
1.20
30.5
114555P8
1 x 6
Short
0.47
12.0
1.83
46.5
114555P13 2 x 2
Long
0.91
23.0
1.83
46.5
114555P10 2 x 1
Short
0.79
20.0
0.28
7.0
114555P6
2 x 2
Short
0.79
20.0
0.57
14.5
114555P9
5 x 2
Long
0.91
23.0
0.57
14.5
114555P14 2 x 5
Long
0.91
23.0
1.52
38.5
114555P4
3 x 2
Short
1.10
28.0
0.57
14.5
Retention Clip
Retention clips prevent Powerpole® 15-45 blocks from unintended disconnects.
They feature a tab for easy insertion and removal.
Description
-- Part Number --
Minimum Quantity ........
100 .........
1 Block High
110G68
Block Lok
Block locks secure mated Powerpole® 15-45 series housings together. For use in
high vibration or shock applications where connectors are unmated infrequently.
Description
- Part Numbers -
Minimum Quantity ..........
100 .........
2 Pole, Black
110G21
4 Pole, Black
110G12
Splash Boot
Splash boots protect a 2x2 block of any combination of Powerpole® 15-45 series
housings and feature snip off sealed ends for flexibility in wire O.D. Designed for
through panel or inline applications. Not a hermetic seal.
Description
- Part Numbers -
Minimum Quantity ........
25 ...........
Female, Black
1441G1
Male, Black
1442G1
Shown without Powerpoles®
Shown with Powerpoles®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com