データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 99 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 95Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 96Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 97Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 98Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 99Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 100Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 101Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 102Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
www.andersonpower.com - 97 -
All Data Subject To Change Without Notice
| 1309 Series Hand Tools|
High quality hand tools are designed for crimping #6 – 20 AWG (13.3 – 0.52 mm²) wires for Powerpole®, SB®, SBS®, and SBE®
/ SBO® connectors. The extra long bright yellow handles provide significant crimping force while minimizing operator fatigue.
Full cycle ratchet mechanism makes sure every crimp is fully completed. All tools except 1309G4 include a plastic locator piece
that ensures proper positioning of the contacts for crimping.
1309G2: For crimping PP15/45 loose piece
strip contacts and individual contacts.
#16 – 20 AWG (1.3 – 0.5 mm²)
#12 – 20 AWG (3.3 – 1.3 mm²)
1309G3: For crimping PP15/45 loose piece strip
contacts from #10 – 16 AWG (5.3 – 1.3 mm²)
1309G6: For crimping PP15/45 loose piece strip
contacts from #10 – 14 AWG (6.0 – 2.1 mm²)
including high strand count superflex wires.
1309G8: Includes 1 tool frame with the appropriate
dies and locators to make the 1309G2, 1309G3, and
1309G6 tools. Dies and locators are color coded for
easy identification and pairing. This combination
allows the entire PP15/45 contact range to be
crimped with one tool kit.
1309G4: For crimping PP75, SB®50, SBE®80, SBO®60,
and SBS®50-75 power contacts. No locator included,
follow crimp positioning specifications in assembly
instructions. Tool is also used for crimping EBC
auxiliary contacts.
| PM1000G1 Hand Tool |
Versatile 4 indent hand tool with built in multi-position turret locator. Adjustable indenter
depth features 0.01 mm adjustment increments to define the perfect crimp depth for wire
sizes 10 – 26 AWG (6 – 0.14 mm²). Full cycle ratchet mechanism makes sure every crimp
is fully completed. Use to crimp PowerMod® contacts used as auxiliaries in SBS®75X and
the 1x4 Auxiliary Connector as well as a wide range of other turned contacts including
those for Power Drawer® and PPMX.
| Mil-Spec Hand & Bench Tools |
Manual hand tools and pneumatic bench tools are available in this tool series. The hand and pneumatic tools both use
the same turret locators designed specifically for APP® contacts. The interchangeable nature of the turret locators allow
easy upgrades from prototyping to production volumes. All tools feature adjustable indenter depths to cover #12 through
26 AWG (3.3 – 0.25 mm²) capability. Full cycle mechanism makes sure every crimp is fully completed. See tooling charts
at the end of each connector section for the appropriate turret locator part numbers.
TM0001: Rugged hand tool is qualified to MIL-DTL-22520/1.
DMC Model AF8. Accessories shown are purchased separately.
TP0001: Pneumatic full cycle bench tool operates on clean and
dry shop air pressures of 80 – 120 psi (5 – 8.3 BAR). This DMC
model WA27F is compatible with optional bench mount and foot
pedal control to increase operator speed and efficiency.
TA0001: Foot pedal control for TP0001
TA0002: Air regulator / filter for pneumatic tools. Keeps air clean
and dry for long lasting tool performance. Dial knob adjusts air
pressure going to the tool.
TA0003: Adjustable bench mount for TP0001
Upper Die
Locator
Lower Die
TA0001
TP0001
TA0003
TA0002
Open Barrel Contact
Closed Barrel Contact
End of locator.
To far out
from locator.
End of locator.
To far out
from locator.
Correct
Not Correct
Correct
Not Correct
TM0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com