データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 86 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 82Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 84Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 85Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 86Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 87Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 88Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 89Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
www.andersonpower.com
- 84 -
All Data Subject To Change Without Notice
| SBE®160 / SBX®175 CONNECTOR TEMPERATURE CHARTS|
25
50
75
100
125
SBE®160 / SBX®175
Derating vs. Ambient Temperature
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
0
50
100
150
200
250
| SBE®160 / SBX®175 Accessories |
Cable Clamps
Durable metal clamps adapt to a wide range of cable sizes.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
- Part Number -
Minimum Quantity .................................................
25
......
Cable Clamp Kit
0.62 to 0.22
15.7 to 5.6
945G2
Handles
Handles are made out of durable PC plastic. Hardware
to attach to connector body included in kits.
Description
----- Part Numbers -----
Minimum Quantity ....
100
25 ..
Gray Handle Kit
995G1-APP
995G1
Red Handle Kit
995G3-APP
995G3
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black 3-5074P5
-
Hardware Bag
-
105G8
SBE®160 / SBX®175
Temperature Rise at Constant Current
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
0
10
20
30
40
50
60
0
50
100
150
200
250
NOTE: Temperature rise charts are based on a 25°C ambient temperature.
The given wire O.D. information is an estimate. Cable clamps should be
evaluated for performance with the actual wire to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com