データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 18 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 14Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 15Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 16Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 17Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 18Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 19Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 20Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 21Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
www.andersonpower.com
- 16 -
All Data Subject To Change Without Notice
Stackable Modular Housings
Available in four sizes to right
size your connection need
Color Coded Housings
Help ensure that connectors
are assembled and mated
correctly
This versatile connector series invented by Anderson Power
Products® meets a wide range of power connection needs.
There are four basic housing sizes in the Powerpole®
product family that allow specific amperage or wire size
needs to be filled in the most compact footprint. Powerpole®
can handle up to 350 amperes per pole and accommodate
wire ranges of #20 AWG (0.5 mm²) to 3/0 (70 mm²). A wide
range of colored housing options can be stacked together to
create a proven reliable custom connector. These housings
can be used with different contacts to create wire-to-wire,
wire-to-board, or wire-to-busbar connections. The
Powerpole® combines high quality materials and a cost
effective innovative design to allow powerful versatility.
®
Powerpole® Connectors
- PP15 to PP180
Hot Plugging AC or DC
Contacts feature a sacrificial
tip that allow high current
circuit interrupt
Connection Versatility
Contacts for wire, PCB,
or busbar all fit into the
same housings
Low Resistance Connection
Silver or tin plated contacts
inside housings that strongly
force the contacts together
Self Securing Design
Stainless steel springs create
a robust force between the
contacts that holds the con-
nector in the mated condition,
but allows it to be quickly dis-
connected
Genderless Housings
Provide simplified assembly
and minimize the number of
components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com