| データシートサーチシステム |
|
75LOKWHT データシート(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
75LOKWHT データシート(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 108 page ![]() www.andersonpower.com - 18 - All Data Subject To Change Without Notice Powerpole® connectors can be easily customized to each power connection need. Choose from a wide range of colored housings and stack them together into a multiple position connection. Durable silver or tin plated contacts crimp and poke into housings and are available for a broad range of wire sizes. PCB and busbar contacts can also be simply snapped into place using the same housings. Pre-mate ground / power housings and contacts can be used for safety or sequencing and stack along with standard housings. How to Create Mating Blocks of Stacked Powerpole® Connectors A Single Row Assembly such as the 1x3 shown below will mate to itself. If an assembly has more than one row such as the Two Row Assembly 2x1 shown below, then a different mirror image mating assembly is required. Single Row Assembly 1x3 Two Row Assembly 2x1 To Create a Mirror Image Mating Assembly: When mating blocks are viewed with their hoods in the respective orientation (down or up), the column position of connectors is unchanged. The rows themselves are mirror images of each other. So in the below example, what is column 1 on side A, is column 3 on side B. Side A Hood Down Side B Hood Up Powerful Versatility - Create Your Own Custom Connector from Durable Proven Components A B C D E F G H I C B A F E D I H G Hood Up Hood Down |