データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75LOKWHT データシート(PDF) 75 Page - List of Unclassifed Manufacturers

部品番号 75LOKWHT
部品情報  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT データシート(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 72Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 73Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 74Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 75Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 76Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 77Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 78Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
www.andersonpower.com - 73 -
All Data Subject To Change Without Notice
| SB®350 CONNECTOR TEMPERATURE CHARTS|
| SB® 350 Accessories |
25
50
75
100
125
Amperes Applied
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
SB®350
Derating vs. Ambient Temperature
0 50 100
200
300
400
500
150
250
350
450
550
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from
dislodging wire or contacts from the housing. Cable clamps are recommended for solder
terminated wires.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
- Part Number -
Minimum Quantity ...............................................................................
10
.....
Bolt On for Discrete Conductor
1.00 to 0.35
25.4 to 8.8
996G1
Discrete Conductor w/ Integral Handle 0.76 to 0.32
19.3 to 8.2
911
Handles
Handles are made out of durable PC plastic.
Hardware to attach to connector body included in kits.
Description
----- Part Numbers -----
Minimum Quantity ....
100
25 ...
Gray Handle Kit
995G2-APP 995G2
Red Handle Kit
995G4-APP 995G4
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black
3-5074P5
-
Hardware Bag
-
106G7
Dust Cover
Prevents dust and dirt from entering the mating interface
of the connector when unmated. NOTE: Not a Hermetic Seal.
Description
----- Part Numbers -----
Minimum Quantity ..............................
500
50 ...
Dust Cover with Lanyard Strap, Red
113890P3
134G3
Slide cover over
mating end.
Amperes Applied
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
SB®350
Temperature Rise at Constant Current
0
10
20
30
40
50
60
0
50 100
200
300
400
500
150
250
350
450
NOTE: Temperature rise charts are based on a 25°C ambient temperature.
The given wire O.D. information is an estimate. Cable clamps should be evaluated for
performance with the actual wire to be used.
Handle
Clamp
“A” frame handle
(not included).
911
996G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com