| データシートサーチシステム |
|
SIM800 データシート(PDF) 320 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 320 Page - SIMCom |
|
320 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 320 2015-08-03 Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSCC=<ad dr> Parameters <addr> a string parameter which indicates phone number or email address of copy recipients. The maximum length of the string is 40. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note The maximum of copy recipients is 20 and this command is valid only when it is not allowed to edit MMS 15.2.11 AT+CMMSBCC Add Secret Recipients AT+CMMSBCC Add Secret Recipients Test Command AT+CMMSBCC=? Response +CMMSBCC: "ADDRESS" OK Response +CMMSBCC: the list of <addr>s OK Read Command AT+CMMSBCC? Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSBCC=< addr> Parameters <addr> a string parameter which indicates phone number or email address of secret recipients. The maximum length of the |