| データシートサーチシステム |
|
SIM800 データシート(PDF) 324 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 324 Page - SIMCom |
|
324 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 324 2015-08-03 Max Response Time AT+CMMSTIMEOUT Reference Note This command is valid only when it is not allowed to edit MMS and the buffer for MMS will be clear up. So it is recommended to save the MMS in the buffer before receiving MMS. The received MMS is just saved in the buffer but not saved in the flash. The maximum number of inclosure is 10. 15.2.16 AT+CMMSVIEW Get the MMS into Buffer and Show the Information AT+CMMSVIEW Get the MMS into Buffer and Show the Information Test Command AT+CMMSVIEW= ? Response OK Response +CMMSVIEW: <mmstype>,"<sender>", "<receipts>", "<ccs>", "<bccs>", "<datetime>","<subject>",<size><CR><LF>list of <fileIndex, name, type, filesize><CR><LF> OK or ERROR or +CME ERROR: <err> Execution Command AT+CMMSVIEW Parameters <mmstype> The type of MMS 0 Received MMS 1 Sent MMS 2 Unsent MMS <sender> The address of th sender <receipts> List of recipients, Separated by “;” <ccs> List of copy recipients , Separated by “;” <bccs> List of secret recipients , Separated by “;” <datetime> The time of receive MMS <subject> The title of MMS <size> Data size of MMS <fileIndex,name,type,filesize> The index, name and size of every file included in the MMS. The types are defined as following. 2 text 3 text/html 4 text/plain 5 image |