| データシートサーチシステム |
|
SIM800 データシート(PDF) 322 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 322 Page - SIMCom |
|
322 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 322 2015-08-03 =? OK Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSDELCC =<addr> Parameters <addr> a string parameter which indicates phone number or email address of copy recipients. The maximum length of the string is 40. Execution Command AT+CMMSDELCC Delete all the copy recipients Response OK Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command is valid when it is allowed to edit MMS 15.2.14 AT+CMMSDELBCC Delete Secret Recipients AT+CMMSDELBCC Delete Secret Recipients Test Command AT+CMMSDELBC C=? Response +CMMSDELBCC: "ADDRESS" OK Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSDELBC C=<addr> Parameters <addr> a string parameter which indicates phone number or email address of secret recipient. The maximum length of the string is 40. Execution Command AT+CMMSDELBC C Delete all the secret recipients Response OK Parameter Saving NO_SAVE |