| データシートサーチシステム |
|
SIM800 データシート(PDF) 321 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 321 Page - SIMCom |
|
321 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 321 2015-08-03 string is 40. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note The maximum of secret recipients is 20 and this command is valid only when it is allowed to edit MMS 15.2.12 AT+CMMSDELRECP Delete Recipients AT+CMMSDELRECP Delete Recipients Test Command AT+CMMSDELRE CP=? Response +CMMSDELRECP: "ADDRESS" OK Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSDELRE CP=<addr> Parameters <addr> a string parameter which indicates phone number or email address of recipient. The maximum length of the string is 40. Execution Command AT+CMMSDELRE CP Delete all the recipients Response OK Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command is valid when it is allowed to edit MMS 15.2.13 AT+CMMSDELCC Delete Copy Recipients AT+CMMSDELCC Delete Copy Recipients Test Command AT+CMMSDELCC Response +CMMSDELCC: "ADDRESS" |