| データシートサーチシステム |
|
SIM800 データシート(PDF) 323 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 323 Page - SIMCom |
|
323 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 323 2015-08-03 Mode Max Response Time - Reference Note This command is valid when it is allowed to edit MMS 15.2.15 AT+CMMSRECV Receive MMS AT+CMMSRECV Receive MMS Test Command AT+CMMSRECV= ? Response +CMMSRECV: (range of <index>) OK Response +CMMSRECV: "<sender>","<time>","<subject>",<size><CR><LF> list of <fileIndex,name,type,filesize><CR><LF> OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSRECV= <index> Parameters <index> The index of the push message saved in the SIM message box. <sender> The address of the sender <time> The time to receive the MMS <subject> the title of the MMS <size> The size of the MMS <fileIndex,name,type,filesize> The index, name and size of every file included in the MMS. The types are defined as following. 2 text 3 text/html 4 text/plain 5 image 6 image/gif 7 image/jpg 8 image/tif 9 image/png 10 smil Parameter Saving Mode NO_SAVE |