データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 15 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 15 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 11Page - Texas Instruments FDMS8672AS Datasheet HTML 12Page - Texas Instruments FDMS8672AS Datasheet HTML 13Page - Texas Instruments FDMS8672AS Datasheet HTML 14Page - Texas Instruments FDMS8672AS Datasheet HTML 15Page - Texas Instruments FDMS8672AS Datasheet HTML 16Page - Texas Instruments FDMS8672AS Datasheet HTML 17Page - Texas Instruments FDMS8672AS Datasheet HTML 18Page - Texas Instruments FDMS8672AS Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
3.20
3.24
3.28
3.32
3.36
3.40
3.26
3.30
3.34
3.38
3.22
0
2
4
6
8
1
3
5
7
I
O2 – 3.3-V Output Current – A
Auto-Skip
and
OOA
CCM
V
I = 12 V
Current Mode
R
GV = 12 kW
V
I = 12 V
Current Mode
(Non-droop)
R
GV = 1 kW
C = 1.8 nF
Auto-Skip
and
OOA
CCM
0
2
4
6
8
1
3
5
7
I
O1 – 5-V Output Current – A
4.90
4.94
4.98
5.02
5.06
5.10
4.96
5.00
5.04
5.08
4.92
–80
–20
20
40
80
–40
0
60
–60
100
1 k
10 k
100 k
1 M
f – Frequency – Hz
Phase
Gain
–180
45
45
90
180
–90
0
135
–135
V
O= 5.0 V
V
I = 12 V
I
O = 8 A
3.20
3.24
3.28
3.32
3.36
3.40
3.26
3.30
3.34
3.38
3.22
0
2
4
6
8
1
3
5
7
I
O2 – 3.3-V Output Current – A
Auto-Skip
and
OOA
CCM
V
I = 12 V
Current Mode
(Non-droop)
R
GV = 9.1 kW
C = 1.8 nF
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
3.3-V OUTPUT VOLTAGE
5-V OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 25.
Figure 26.
3.3-V OUTPUT VOLTAGE
5.0-V BODE-PLOT – GAIN AND PHASE
vs
vs
OUTPUT CURRENT
FREQUENCY
Figure 27.
Figure 28.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com